PART |
Description |
Maker |
JANXV1N5819-1 JANXV1N5819UR-1 JANTX1N5819-1 JANTX1 |
HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
|
Sensitron
|
AL-XX1361-F9 |
Hi-Eff Green Axial With Z-Bent Lead AXIAL LED LAMPS
|
A-BRIGHT Inc
|
M160FG |
High Voltage Diodes - Axial Lead 10mA - 100mA ?200ns ?Hermetic
|
Voltage Multipliers Inc...
|
1N3028UR-1TR 1N3038UR-1E3TR 1N3048UR-1TR 1N3018UR- |
22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB HERMETIC SEALED, LEADLESS, GLASS, MELF-2 56 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB ROHS COMPLIANT, HERMETIC SEALED, LEADLESS, GLASS, MELF-2 150 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB HERMETIC SEALED, LEADLESS, GLASS, MELF-2 8.2 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB ROHS COMPLIANT, HERMETIC SEALED, LEADLESS, GLASS, MELF-2 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB ROHS COMPLIANT, HERMETIC SEALED, LEADLESS, GLASS, MELF-2 8.2 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB HERMETIC SEALED, LEADLESS, GLASS, MELF-2 150 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB ROHS COMPLIANT, HERMETIC SEALED, LEADLESS, GLASS, MELF-2 surface mount silicon Zener diodes 13 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB surface mount silicon Zener diodes 24 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB surface mount silicon Zener diodes 18 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB surface mount silicon Zener diodes 7.5 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB 100 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
TAA TAAC106X050 TAAA224X035 TAAA224X050 TAAD227X01 |
Hermetic Axial Capacitors
|
AVX
|
SS3613 SS3611 SS3614 SS3612 |
HERMETIC AXIAL LEAD RECTIFIER
|
Sensitron
|
1N4688UR-1TR 1N4708UR-1TR MLL4696-1TR MLL4696C-1TR |
4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA HERMETIC SEALED, GLASS, MELF-2 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA HERMETIC SEALED, GLASS, MELF-2 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
1N3957 |
(1N3611 - 1N3975) HERMETIC AXIAL LEAD RECTIFIER
|
Sensitron
|
CMB02070X2700GB200 |
High Pulse Load, High Voltage (up to 0.5 kV) Carbon Film MELF Resistors
|
Vishay Siliconix
|
HER105-T |
RECTIFIER HIGH-EFF 400V 1A DO-41
|
DIODES INC
|
|